Part Number Hot Search : 
5253B MP2W3P3K WT50F5 ST110011 ANTXV1N 74LV373 FR152G B40K150
Product Description
Full Text Search
 

To Download 70HFR120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 70HF(R) SERIES
POWER RECTIFIER Reverse Voltage - 100 to 1600 Volts Forward Current - 70.0 Amperes
Features
High surge current capability Designed for a wide range of applications Stud cathode and stud anode version Leaded version available Types up to 1600V VRRM
Typical Applications
Battery charges Converters Power supplies Machine tool controls
Mechanical Data
Case: DO-203AB(DO-5) Polarity: Selection available Weight: 17 grams
Major Ratings and Characteristics
Parameters 70HF(R) 10 to 120 140 to 160 Units
IF(AV) @TC IF(RMS) IFSM It
2
70 140 110 @50Hz @60Hz @50Hz @60Hz range range 100 to 1200 -65 to 180 1200 1250 7100 6540
70 110
Amps Amps Amps Amps A2s A2s Volts
VRRM TJ
1400 to 1600 -65 to 150
1
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number Voltage Code 10 20 40 60 70HF(R) 80 100 120 140 160 VRRM maximum repetitive peak reverse voltage Volts 100 200 400 600 800 1000 1200 1400 1600 VRSM maximum non-repetitive peak reverse voltage Volts 200 300 500 720 960 1200 1440 1650 1900 VR(BR) minimum avalanche voltage Volts 500 725 950 1150 1350 1550 1750 4.5 9
(1)
IRRM max. @TJ=TJ max. mA 15
(1) Avalanche version only available from V RRM 400V to 1600V.
Forward Conduction
Parameter IF(AV) IF(RMS) IFSM Max. average forward current @ Case temperature Max. RMS forward current Max. peak, one-cycle forward, non-repetitive surge current 70HF(R) 10 to 120 70 140 110 1200 1250 1000 1050 I2t Maximum I2t for fusing 7100 6450 5000 4550 VFM Max. forward voltage drop 1.35 Volts A2S Amps 140 to 160 70 110 Amps t=10ms t=8.3ms t=10ms t=8.3ms t=10ms t=8.3s t=10ms t=8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied , tp=400us rectangular wave Units Amps Conditions
180O conduction, half sine wave
Sinusoidal half wave Initial TJ=TJ max.
Ipk=220A, TJ=25
2
Thermal and Mechanical Specifications
Parameter TJ Max. junction operating temperature range 70HF(R) 10 to 120 -65 to 180 -65 to 180 0.45 0.25 2.3-2.4 20-30 wt approximate weight Case style 17 (0.6) DO-203AB (DO-5) K/W 140 to 160 -65 to 150 -65 to 150 DC operation Mounting surface, smooth, flat and greased Not lubricated threads Units Conditions
Tstg Max. storage temperature range RthJC Max. thermal resistance, junction to case RthCS Max. thermal resistance, case to heatsink T Max. allowed mounting torque 10%
Nm lbf-in g(oz)
See Outline Table
Ordering information Table Device Code: 70 HF 1 2
R 3
160 4
M 5
1. 70 - Standard device 2. HF - Standard diode 3. None - stud normal polarity (cathode to stud) R - stud reverse polarity (Anode to stud) 4. Voltage code: cade x 10=VRRM 5. None - stud base DO-203AB (DO-5) 1/4 28 UNF-2A M - stud base DO-203AB (DO-5) M6x1
3
Outlines Table
70HF(R)
Case Style DO-203AB(DO-5) All dimesions in millimeters(inches)
DIMENSIONS DIM A B C D E F G H I J K M N inches mm 34.06 12.83 6.48 3.68 3.30 5.92 11.10 5.84 17.27 19.05 5.38 7.42 3.8 Note
4
5
6
7


▲Up To Search▲   

 
Price & Availability of 70HFR120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X